PART |
Description |
Maker |
AQW414EHAZ AQW414EH AQW414EHA AQW414EHAX |
General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
|
PANASONIC[Panasonic Semiconductor]
|
SLR343WBD2PT SLR3431 SLR343 |
楼玫3.1(T-1) Circular Type High Brightness Type Angle 2楼猫1/2 : 40隆? ?3.1(T-1) Circular Type High Brightness Type Angle 2胃1/2 : 40掳 φ3.1(T-1) Circular Type High Brightness Type Angle 2θ1/2 : 40°
|
Rohm
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
AQW224NA |
PhotoMOS relay, FR (radio frequency) type, [2-channel (form A) type] low on resistance. AC/DC type. Output rating: load voltage 400 V, load current 40 mA. surface-mount terminal, tube packing style.
|
Matsushita Electric Works(Nais)
|
AQY210HLAZ AQY210HLAX AQY210HL AQY210HLA |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQW280SZ AQW282S AQY280S AQY280SZ AQY284SX AQY284S |
GU (General Use) Type GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type] Amusement
|
Panasonic Semiconductor Panasonic Battery Group
|
DSS6NC52A471Q55B DSS6NC52A101Q55B DSS6NC52A102Q55B |
Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series Leaded EMIFIL (Three-terminal Capacitor type) Small Type
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
687860005 |
HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 34, 0.2m (7.84), Lead free
|
Molex Electronics Ltd.
|